Part Number Hot Search : 
F2010 ON2556 SEL5921A F2010 5400A1 3N03LA F2010 ONDUC
Product Description
Full Text Search
 

To Download TDA7350 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TDA7350A
22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
VERY FEW EXTERNAL COMPONENTS NO BOUCHEROT CELLS NO BOOSTRAP CAPACITORS HIGH OUTPUT POWER NO SWITCH ON/OFF NOISE VERY LOW STAND-BY CURRENT FIXED GAIN (30dB STEREO) PROGRAMMABLE TURN-ON DELAY
MULTIWATT 11
Protections: OUTPUT AC-DC SHORT CIRCUIT GROUND AND TO SUPPLY VOLTAGE VERY INDUCTIVE LOADS LOUDSPEAKER PROTECTION OVERRATING CHIP TEMPERATURE LOAD DUMP VOLTAGE FORTUITOUS OPEN GROUND ESD
TO
ORDERING NUMBER: TDA7350A
DESCRIPTION The TDA7350A is a new technology class AB (R) Audio Power Amplifier in the Multiwatt package APPLICATION CIRCUIT BRIDGE
designed for car radio applications. Thanks to the fully complementary PNP/NPN output configuration the high power performance of the TDA7350A is obtained without bootstrap capacitors. A delayed turn-on mute circuit eliminates audible on/off noise, and a novel short circuit protection system prevents spurious intervention with highly inductive loads.
April 1995
1/22
TDA7350A
PIN CONNECTION (Top view)
ABSOLUTE MAXIMUM RATINGS
Symbol VS VS VS Io Io Ptot Tstg,TJ Operating Supply Voltage DC Supply Voltage Peak Supply Voltage (for t = 50ms) Output Peak Current (non rep. for t = 100s) Output Peak Current (rep. freq. > 10Hz) Power Dissipation at Tcase = 85C Storage and Junction Temperature Parameter Test Conditions 18 28 40 5 4 36 -40 to 150 Unit V V V A A W C
THERMAL DATA
Symbol R thj-case Thermal Resistance Junction-case Description Max Value 1.8 Unit C/W
2/22
TDA7350A
ELECTRICAL CHARACTERISTICS (Refer to the test circuits, Tamb = 25C, VS = 14.4V, f = 1KHz unless otherwise specified)
Symbol VS Id ASB ISB Tsd Parameter Supply Voltage Range Total Quiescent Drain Current Stand-by attenuation Stand-by Current Thermal Shut-down Junction Temperature 150 stereo configuration 60 80 100 Test Condition Min. 8 Typ. Max. 18 120 Unit V mA dB A C
STEREO
Po Output Power (each channel) d = 10% RL = 2 RL = 3.2 RL = 4 d = 10%; VS = 13.2V RL = 2 RL = 3.2 RL = 4 d SVR CT RI GV GV EIN Distortion Supply Voltage Rejection Crosstalk Input Resistance Voltage Gain Voltage Gain Match Input Noise Voltage Rg = 50 (*) Rg = 10K (*) Rg = 50 (**) Rg = 10K (**) 1.5 2 2 2.7 Po = 0.1 to 4W; RL = 3.2 Rg = 10k f = 100Hz f = 1KHz f = 10KHz C3 = 22F C3 = 100F 45 45 30 27 50 57 55 50 50 29 31 1 11 8 6.5 9 6.5 5.5 0.5 W W W W W W % dB dB dB K dB dB V V V V
7
7
BRIDGE
Po Output Power d = 10%; R L = 4 d = 10%; R L = 3.2 d = 10%; VS = 13.2V RL = 4 RL = 3.2 d VOS SVR RI GV EIN Distortion Output Offset Voltage Supply Voltage Rejection Input Resistance Voltage Gain Input Noise Voltage Rg = 50 (*) Rg = 10K (*) Rg = 50 (**) Rg = 10K (**) 33 Rg = 10K f = 100Hz C3 = 22F C3 = 100F 45 50 57 50 35 2 2.5 2.7 3.2 37 Po = 0.1 to 10W; R L = 4 16 20 22 17.5 19 1 250 W W W W % mV dB K dB V V V V
(*) Curve A (**) 22Hz to 22KHz
3/22
TDA7350A
Figure 1: STEREO Test and Appication Circuit
220F 1000F 220F 1000F
Figure 2: P.C. Board and Layout (STEREO) of the circuit of fig. 1 (1:1 scale)
4/22
TDA7350A
Figure 3: BRIDGE Test and Appication Circuit
Figure 4: P.C. Board and Layout (BRIDGE) of the circuit of fig. 3 (1:1 scale)
5/22
TDA7350A
RECOMMENDED VALUES OF THE EXTERNAL COMPONENTS (ref to the Stereo Test and Application Circuit)
Component C1 Recommended Value 0.22F Purpose Input Decoupling (CH1) Input Decoupling (CH2) Larger than the Recomm. Value -- Smaller than the Recomm. Value --
C2
0.22F
--
-- Worse Supply Voltage Rejection. Shorter Turn-On Delay Time Danger of Noise (POP) Danger of Noise (POP) Danger of Oscillations Danger of Oscillations
C3
100F
Supply Voltage Longer Turn-On Delay Time Rejection Filtering Capacitor Stand-By Delayed Turn-Off by Stand-By ON/OFF Delay Switch Supply By-Pass Supply By-Pass Output Decoupling CH2
C4 C5 C6 C7
22F 220F (min) 100nF (min) 2200F
- Decrease of Low Frequency Cut Off - Increase of Low Frequency Cut Off - Longer Turn On Delay - Shorter Turn On Delay
Figure 5: Output Power vs. Supply Voltage (Stereo)
Figure 6: Output Power vs. Supply Voltage (Stereo)
Figure 7: Output Power vs. Supply Voltage (Stereo)
Figure 8: Output Power vs. Supply Voltage (Bridge)
6/22
TDA7350A
Figure 9: Output Power vs. Supply Voltage (Bridge) Figure 10: Drain Current vs Supply Voltage (Stereo)
Figure 11: Distortion vs Output Power (Stereo)
Figure 12: Distortion vs Output Power (Stereo)
Figure 13: Distortion vs Output Power (Stereo)
Figure 14: Distortion vs Output Power (Bridge)
7/22
TDA7350A
Figure 15: SVR vs. Frequency & CSVR (Stereo) Figure 16: SVR vs. Frequency & CSVR; (Stereo)
Rg
Rg
Figure 17: SVR vs. Frequency & CSVR; (Bridge)
Figure 18: SVR vs. Frequency & CSVR; (Bridge)
Rg
Rg
Figure 19: Crosstalk vs. Frequency (Stereo)
Figure 20: Power Dissipation & Efficiency vs. Output Power (Stereo)
Rg
8/22
TDA7350A
Figure 21: Power Dissipation & Efficiency vs. Output Power (Stereo) saving due to the minimized external count, excellent electrical performances, flexibility in use, superior reliability thanks to a built-in array of protections. As a result the following performances has been achieved: NO NEED OF BOOTSTRAP CAPACITORS EVEN AT THE HIGHEST OUTPUT POWER LEVELS ABSOLUTE STABILITY WITHOUT EXTERNAL COMPENSATION THANKS TO THE INNOVATIVE OUT STAGE CONFIGURATION, ALSO ALLOWING INTERNALLY FIXED CLOSED LOOP LOWER THAN COMPETITORS LOW GAIN (30dB STEREO FIXED WITHOUT ANY EXTERNAL COMPONENTS) IN ORDER TO MINIMIZE THE OUTPUT NOISE AND OPTIMIZE SVR SILENT MUTE/ST-BY FUNCTION FEATURING ABSENCE OF POP ON/OFF NOISE HIGH SVR STEREO/BRIDGE OPERATION WITHOUT ADDITION OF EXTERNAL COMPONENT AC/DC SHORT CIRCUIT PROTECTION (TO GND, TO VS, ACROSS THE LOAD) LOUDSPEAKER PROTECTION DUMP PROTECTION ESD PROTECTION BLOCK DESCRIPTION Polarization The device is organized with the gain resistors directly connected to the signal ground pin i.e. without gain capacitors (fig. 24). The non inverting inputs of the amplifiers are connected to the SVR pin by means of resistor dividers, equal to the feedback networks. This allows the outputs to track the SVR pin which is sufficiently slow to avoid audible turn-on and turn-off transients. SVR The voltage ripple on the outputs is equal to the one on SVR pin: with appropriate selection of CSVR, more than 55dB of ripple rejection can be obtained. Delayed Turn-on (muting) The CSVR sets a signal turn-on delay too. A circuit is included which mutes the device until the voltage on SVR pin reaches ~2.5V typ (fig. 25). The mute function is obtained by duplicating the input differential pair (fig. 26): it can be switched to the signal source or to an internal mute input. This feature is necessary to prevent transients at the inputs reaching the loudspeaker(s) immediately
9/22
Figure 22: Power Dissipation & Efficiency vs. Output Power (Bridge)
Figure 23: Power Dissipation & Efficiency vs. Output Power (Bridge)
AMPLIFIER ORGANIZATION The TDA7350A has been developed taking care of the key concepts of the modern power audio amplifier for car radio such as: space and costs
TDA7350A
after power-on). Fig. 25 represents the detailed turn-on transient with reference to the stereo configuration. At the power-on the output decoupling capacitors are charged through an internal path but the device itself remains switched off (Phase 1 of the represented diagram). When the outputs reach the voltage level of about 1V (this means that there is no presence of short circuits) the device switches on, the SVR capacitor starts charging itself and the output tracks exactly the SVR pin. During this phase the device is muted until the SVR reaches the "Play" threshold (~2.5V typ.), after that the music signal starts being played. Stereo/Bridge Switching There is also no need for external components for Figure 24: Block Diagram; Stereo Configuration changing from stereo to bridge configuration (figg. 24-27). A simple short circuit between two pins allows phase reversal at one output, yet maintaining the quiescent output voltage. Stand-by The device is also equipped with a stand-by function, so that a low current, and hence low cost switch, can be used for turn on/off. Stability The device is provided with an internal compensation wich allows to reach low values of closed loop gain. In this way better performances on S/N ratio and SVR can be obtained.
10/22
TDA7350A
Figure 25: Turn-on Delay Circuit
11/22
TDA7350A
Figure 26: Mute Function Diagram
Figure 27: Block Diagram; Bridge Configuration
12/22
TDA7350A
Figure 28: ICV - PNP Gain vs. IC OUTPUT STAGE Poor current capability and low cutoff frequency are well known limits of the standard lateral PNP. Composite PNP-NPN power output stages have been widely used, regardless their high saturation drop. This drop can be overcome only at the expense of external components, namely, the bootstrap capacitors. The availability of 4A isolated collector PNP (ICV PNP) adds versatility to the design. The performance of this component, in terms of gain, VCEsat and cut-off frequency, is shown in fig. 28, 29, 30 respectively. It is realized in a new bipolar technology, characterized by topbottom isolation techniques, allowing the implementation of low leakage diodes, too. It guarantees BVCEO > 20V and BVCBO > 50V both for NPN and PNP transistors. Basically, the connection shown in fig. 31 has been chosen. First of all because its voltage swing is rail-to-rail, limited only by the VCEsat of the output transistors, which are in the range of 0.3 each. Then, the gain VOUT/VIN is greater than unity, approximately 1+R2/R1. (VCC/2 is fixed by an auxiliary amplifier common to both channel). It is possible, controlling the amount of this local feedback, to force the loop gain (A . ) to less than unity at frequencies for which the phase shift is 180. This means that the output buffer is intrinsically stable and not prone to oscillation. Figure 31: The New Output Stage
Figure 29: ICV - PNP VCE(sat) vs. IC
Figure 30: ICV - PNP cut-off frequency vs. IC
In contrast, with the circuit of fig. 32, the solution adopted to reduce the gain at high frequencies is the use of an external RC network. AMPLIFIER BLOCK DIAGRAM The block diagram of each voltage amplifier is shown in fig. 33. Regardless of production spread, the current in each final stage is kept low, with enough margin on the minimum, below which cross-over distortion would appear.
13/22
TDA7350A
Figure 32: A Classical Output Stage
Figure 33: Amplifier Block Diagram
BUILT-IN PROTECTION SYSTEMS Short Circuit Protection The maximum current the device can deliver can be calculated by considering the voltage that may be present at the terminals of a car radio amplifier and the minimum load impedance. Apart from consideration concerning the area of the power transistors it is not difficult to achieve peak currents of this magnitude (5A peak). However, it becomes more complicated if AC and DC short circuit protection is also required.In particular,with a protection circuit which limits the output current following the SOA curve of the output transistors it is possible that in some conditions (highly reactive loads, for example) the protection circuit may intervene during normal operation. For this reason each amplifier has been equipped with a protection circuit that intervenes when the output current exceeds 4A. Fig 34 shows the protection circuit for an NPN power transistor (a symmetrical circuit applies to PNP).The VBE of the power is monitored and gives out a signal,available through a cascode. This cascode is used to avoid the intervention of the short circuit protection when the saturation is
14/22
below a given limit. The signal sets a flip-flop which forces the amplifier outputs into a high impedance state. In case of DC short circuit when the short circuit is removed the flip-flop is reset and restarts the circuit (fig. 38). In case of AC short circuit or load shorted in Bridge configuration, the device is continuously switched in ON/OFF conditions and the current is limited. Figure 34: Circuitry for Short Circuit Detection
TDA7350A
Load Dump Voltage Surge The TDA 7350A has a circuit which enables it to withstand a voltage pulse train on pin 9, of the type shown in fig. 36. If the supply voltage peaks to more than 40V, then an LC filter must be inserted between the supply and pin 9, in order to assure that the pulses at pin 9 will be held within the limits shown. A suggested LC network is shown in fig. 35. With this network, a train of pulses with amplitude up to 120V and width of 2ms can be applied at point A. This type of protection is ON when the supply voltage (pulse or DC) exceeds 18V. For this reason the maximum operating supply voltage is 18V. Figure 35 TDA7350A is 18V. However the device can withstand a DC voltage up to 28V with no damage. This could occur during winter if two batteries are series connected to crank the engine. Thermal Shut-down The presence of a thermal limiting circuit offers the following advantages: 1)an overload on the output (even if it is permanent), or an excessive ambient temperature can be easily withstood. 2)the heatsink can have a smaller factor of safety compared with that of a conventional circuit. There is no device damage in the case of excessive junction temperature: all happens is that Po (and therefore Ptot) and Id are reduced. The maximum allowable power dissipation depends upon the size of the external heatsink (i.e. its thermal resistance); Fig. 37 shows the dissipable power as a function of ambient temperature for different thermal resistance. Figure 37: Maximum Allowable Power Dissipation vs. Ambient Temperature
Figure 36
Polarity Inversion High current (up to 10A) can be handled by the device with no damage for a longer period than the blow-out time of a quick 2A fuse (normally connected in series with the supply). This features is added to avoid destruction, if during fitting to the car, a mistake on the connection of the supply is made. Open Ground When the radio is in the ON condition and the ground is accidentally opened, a standard audio amplifier will be damaged. On the TDA7350A protection diodes are included to avoid any damage. DC Voltage The maximum operating DC voltage for the
Loudspeaker Protection The TDA7350A guarantees safe operations even for the loudspeaker in case of accidental shortcircuit. Whenever a single OUT to GND, OUT to VS short circuit occurs both the outputs are switched OFF so limiting dangerous DC current flowing through the loudspeaker. Figure 38: Restart Circuit
15/22
TDA7350A
APPLICATION HINTS This section explains briefly how to get the best from the TDA7350A and presents some application circuits with suggestions for the value of the components.Thesevalues can change depending on the characteristics that the designer of the car radio wants to obtain,or other parts of the car radio that are connected to the audio block. To optimize the performance of the audio part it is useful (or indispensable) to analyze also the parts outside this block that can have an interconnection with the amplifier. This method can provide components and system cost saving. Figure 39: a) Csvr = 22 F
Reducing Turn On-Off Pop The TDA7350A has been designed in a way that the turn on(off) transients are controlled through the charge(discharge) of the Csvr capacitor. As a result of it, the turn on(off) transient spectrum contents is limited only to the subsonic range.The following section gives some brief notes to get the best from this design feature(it will refer mainly to the stereo application which appears to be in most cases the more critical from the pop viewpoint.The bridge connection in fact,due to the common mode waveform at the outputs,doesnot give pop effect).
b) Csvr = 47 F
TURN-ON Fig. 39 shows the output waveform (before and after the "A" weighting filter) compared to the value of Csvr. Better pop-on performance is obtained with higher Csvr values (the recommended range is from 22uF to 220uF). The turn-on delay (during which the amplifier is in mute condition) is a function essentially of : Cout , Csvr . Being: T1 120 * Cout T2 1200 * Csvr The turn-on delay is given by: T1+T2 STEREO T2 BRIDGE The best performance is obtained by driving the st-by pin with a ramp having a slope slower than 2V/ms
c) Csvr = 100 F
16/22
TDA7350A
TURN-OFF A turn-off pop can occur if the st-by pin goes low with a short time constant (this can occur if other car radio sections, preamplifiers,radio.. are supplied through the same st-by switch). This pop is due to the fast switch-off of the internal current generator of the amplifier. If the voltage present across the load becomes rapidly zero (due to the fast switch off) a small pop occurs, depending also on Cout,Rload. The parameters that set the switch off time constant of the st-by pin are: the st-by capacitor (Cst-by) the SVR capacitor (Csvr) resistors connected from st-by pin to ground (Rext) The time constant is given by : T Csvr * 2000 // Rext + Cst-by * 2500 // Rext The suggested time constants are : T > 120ms with Cout=1000F,RL = 4ohm,stereo T > 170ms with Cout=2200F,RL = 4ohm,stereo If Rext is too low the Csvr can become too high and a different approach may be useful (see next section). Figg 40, 41 show some types of electronic switches (P compatible) suitable for supplying the st-by pin (it is important that Qsw is able to saturate with VCE 150mV). Also for turn off pop the bridge configuration is suFigure 40 perior, in particular the st-by pin can go low faster. GLOBAL APPROACH TO SOLVING POP PROBLEM BY USING THE MUTING/TURN ON DELAY FUNCTION In the real case turn-on and turn-off pop problems are generated not only by the power amplifier,but also (very often) by preamplifiers,tone controls,radios etc. and transmitted by the power amplifier to the loudspeaker. A simple approach to solving these problems is to use the mute characteristics of the TDA7350. If the SVR pin is at a voltage below 1.5 V, the mute attenuation (typ)is 30dB .The amplifier is in play mode when Vsvr overcomes 3.5 V. With the circuit of fig 42 we can mute the amplifier for a time Ton after switch-on and for a time Toff after switch-off.During this period the circuitry that precedes the power amplifier can produce spurious spikes that are not transmitted to the loudspeaker. This can give back a very simple design of this circuitry from the pop point of view. A timing diagram of this circuit is illustrated in fig 43. Other advantages of this circuit are: - A reduced time constant allowance of stand-by pin turn off.Consequently it is possible to drive all the car-radio with the signal that drives this pin. -A better turn-off noise with signal on the output. To drive two stereo amplifiers with this circuit it is possible to use the circuit of fig 44.
Figure 41
17/22
TDA7350A
Figure 42
Figure 43
18/22
TDA7350A
Figure 44 and it is present in phase at the outputs,so this signal does not produce effects on the load.The typical value of CMRR is 46 dB. Looking at fig 45, we can see that a noise signal from the ground of the power amplifier to the ground of the hypothetical preamplifier is amplified of a factor equal to the gain of the amplifier (2 * Gv). Using a configuration of fig. 46 the same ground noise is present at the output multiplied by the factor 2 * Gv/200. This means less distortion,less noise (e.g. motor cassette noise ) and/or a simplification of the layout of PC board. The only limitation of this balanced input is the maximum amplitude of common mode signals (few tens of millivolt) to avoid a loss of output power due to the common mode signal on the output, but in a large number of cases this signal is within this range. HIGH GAIN ,LOW NOISE APPLICATION The following section describes a flexible preamplifier having the purpose to increase the gain of the TDA7350A.
BALANCE INPUT IN BRIDGE CONFIGURATION A helpful characteristic of the TDA7350A is that,in bridge configuration, a signal present on both the input capacitors is amplified by the same amount Figure 45
Figure 46
19/22
TDA7350A
A two transistor network (fig. 47) has been adopted whose components can be changed in order to achieve the desired gain without affecting the good performances of the audio amplifier itself. The recommended values for 40 dB overall gain are : Figure 47
Resistance R1 R2 R3 R4 Stereo 10K 4.3K 10K 50K Bridge 10KW 16K 24K 50K
20/22
TDA7350A
MULTIWATT11 PACKAGE MECHANICAL DATA
DIM. A B C D E F G G1 H1 H2 L L1 L2 L3 L4 L7 M M1 S S1 Dia1 21.9 21.7 17.4 17.25 10.3 2.65 4.25 4.73 1.9 1.9 3.65 4.55 5.08 17.5 10.7 22.2 22.1 0.49 0.88 1.45 16.75 19.6 20.2 22.5 22.5 18.1 17.75 10.9 2.9 4.85 5.43 2.6 2.6 3.85 0.862 0.854 0.685 0.679 0.406 0.104 0.167 0.186 0.075 0.075 0.144 0.179 0.200 0.689 0.421 0.874 0.87 1.7 17 1 0.55 0.95 1.95 17.25 0.019 0.035 0.057 0.659 0.772 0.795 0.886 0.886 0.713 0.699 0.429 0.114 0.191 0.214 0.102 0.102 0.152 0.067 0.669 mm MIN. TYP. MAX. 5 2.65 1.6 0.039 0.022 0.037 0.077 0.679 MIN. inch TYP. MAX. 0.197 0.104 0.063
21/22
TDA7350A
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics. (c) 1995 SGS-THOMSON Microelectronics - All Rights Reserved MULTIWATT(R) is a Registered Trademrk of the SGS-THOMSON Microelectronics SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands - Singapore Spain - Sweden - Switzerland - Taiwan - Thaliand - United Kingdom - U.S.A.
22/22


▲Up To Search▲   

 
Price & Availability of TDA7350

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X